PART |
Description |
Maker |
1-141708-1 1-141708-2 |
AMPMODU MOD.4 RECEPTACLE,S.C.P. STRIP AMPMODU MOD.4 RECEPTACLE,S.C.P. STRIP
|
Tyco Electronics
|
102100-1 |
.156 Inch Centerline-Cable to Board AMPMODU .031 x .062 Interconnection System (Mod I); MOD I RECP PLTD 15 SEL ( AMP )
|
Tyco Electronics
|
73780-1163 73780-1127 73780-1145 73780-1123 |
2MM HDM DC Stacking Mod 30Au ST 144Ckt 144 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE HDM Daughtercard Stkg Mod ST2.0 144Ckt 144 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE HDM Daughtercard Stkg Mod ST3.0 144Ckt 144 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2MM HDM FS ST2.0 30Au DX 144 13 144 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
TE Connectivity, Ltd. Molex, Inc.
|
684-6 679 679-1 679-2 679-3 679-4 679-5 679-6 680- |
RECTIFIERS ASSEMBLIES RECTIFIERS ASSEMBLIES 25 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
JANTX469-3 JAN469-1 JAN469-2 JAN469-3 JANTX469-1 J |
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 10 AMP, Military Approved 10 A, 460 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES/ 10 AMP/ Military Approved Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
IRS2130DJ IRS21303DJ IRS2132DJ IRS2132DJPBF |
3 Phase Driver, Inverting Input, 2.5us Deadtime in a mod. 44-lead PLCC package 3 Phase Driver, Inverting Input, 0.8us Deadtime 13-20 Vout in a mod. 44-lead PLCC package 3 Phase Driver, Inverting Input, 0.8us Deadtime in a mod. 44-lead PLCC package
|
International Rectifier
|
203291 |
MOD JACK - MJIM
|
ERNI Electronics
|
4-102976-0 102976-1 102976-2 102976-3 102976-5 102 |
HEADER ASSY, MOD II
|
Tyco Electronics
|
203411 |
MOD JACK - MJIMV
|
ERNI Electronics
|
133819 |
MOD JACK - MJHV
|
ERNI Electronics
|
MBB-2 MBB-6 MCH-6 |
Multi-mod 10 input module
|
Gamewell-FCI by Honeywell
|